Part Number Hot Search : 
2SK27 43650 PC922I 60001 T211031 043045 T54FC 500000
Product Description
Full Text Search
 

To Download RVQ10YP15SB103M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tocos america, inc. 1177 east tower road, schaumburg, il 60173 tel: 847-884-6664 fax: 847-884-6665 e-mail: sales @ tocos.com www.tocos.com specifications electrical standard resistance range . . . . . . . . . . . . 5k ? and 10k ? resistance tolerance . . . . . . . . . . . . . . . . . 20% standard end resistance . . . . . . . . . . . . . . . . . . . . . . . not applicable resistance taper . . . . . . . . . . . . . . . . . . . . . . . . . . b = linear independent linearity . . . . . . . . . . . . . . . . . . . . 3% max. peak noise (c.r.v.) . . . . . . . 1% or 2 ? , whichever is greater power rating . . . . . . . 0.125 watt at 40 c, 0 watt at 85 c maximum input voltage . . . . . . . . . 35vdc or power rating, whichever is smaller insulation resistance . . . . . . . 100m ? minimum at 500vdc dielectric strength . . . . . . . . . . . . . . . . . . 500vac, 1 minute adjustment travel . . . . . . . . . . . . . . . . . . . . . . 320 nominal mechanical mechanical travel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360 shaft torque . . . . . . . . . . . . . . . 15 gf cm (0.208 oz in) max. stop strength . . . . . . . . . . . . . . . . . . . . continuous, no stop shaft strength (push) . . . . . . . . . . . . . . . 29.4 n (3 kgf ) min. shaft strength (tensile) . . . . . . . . . . . . . 29.4 n (3 kgf ) min. shaft end play . . . . . . . . . 0.3 (shaft length /15) mm max. mounting nut torque . . . . . . 3.5 kgf cm (48.52 oz in) min. marking . . . . . model type, taper, resistance code, date code environmental temperature range . . . . . . . . . . . . . . . . . . 10 cto 85 c temperature characteristics . . . . . . . . . . . 85 c, 5 hours ? t/r ) 10% temperature cycle . . . . . . . . . . . . . . . . . . . . 10 c, 85 c, 30 minutes each, 5 cycles ? t/r ) 10% load life . . . . . . . . . . . . . . . . 40 c, 0.125 watt, 1,000 hours ? t/r ) 10% moisture and load life . . . . . . . . . . . . 40 c, 90-95%rh, 0.125 watt, 500 hours ? t/r ) 10% vibration . . . . . . . . .10-55hz, 1.5mm amplitude, 3 directions ? t/r ) 5% soldering heat resistance . . . . . . . 350 c 5 c, 3 seconds ? t/r ) 2% rotational life . . . . . . . . . . . . . 200,000 cycles without load ? t/r ) 5% ? t/r = total resistance change rvq103yn series long life 10mm diameter, single-turn, carbon panel controls tocos panel controls features long life 10mm diameter, single-turn industrial panel controls carbon film element 200,000 cycle rotational life single unit, single shaft linear taper molded plastic construction for housing and bushing lightweight 3mm diameter metal shafts in slot, flat or round end styles standard 10mm or 15mm shaft length panel mount style rear exit vertical lug terminals pcb mounting style available as special order note: a long life panel control should only be used in a circuit as a potentiometer (3-terminal voltage divider ). 86 rvq103yp rvq103yn
tocos america, inc. 1177 east tower road, schaumburg, il 60173 tel: 847-884-6664 fax: 847-884-6665 e-mail: sales @ tocos.com www.tocos.com rvq103yn panel mount, single unit, single shaft rear exit vertical lug terminals, 3-lug triangular pattern unit: mm dimensions rvq103yn series recommended panel mounting hole part numbering system resistance ( ? ) 5,000 code 502 resistance ( ? ) 10,000 code 103 standard nominal total resistance values and part numbering codes standard resistance values and part numbering codes rv y 103 103 m n s b q 15 resistance tolerance: m = 20% (standard). resistance code: expressed in ohms. a three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10 ? ;101 =100 ? ; 102 = 1,000 ? ; 103 = 10,000 ? ). see table for standard resistance values. resistance taper: b = linear. shaft end style: s = slotted. f = flatted. r = round. standard shaft length: 10 = 10mm fms. 15 = 15mm fms. up to 30mm shaft length available (special order ). style: n = panel mount, single unit, single shaft, rear exit vertical lug terminals, 3-lug triangular pattern (standard). p = pcb mount, single unit, single shaft, rear exit vertical mount pin terminals, 3-pin triangular pattern (special order ). operating temperature range: y = 10 c to 85 c. size and style: 10 = 10mm diameter; 3 = style of 10mm size. rotational life: q = long life, 200,000 cycles. tocos series name: rv = carbon film element. refer to shaft end styles specifications and hardware specifications for details and availability. for additional information, refer to guidelines and precautions for using panel controls. note: fms = from mounting surface 87


▲Up To Search▲   

 
Price & Availability of RVQ10YP15SB103M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X